Part Number Hot Search : 
00TTS LR120 SOT533 KIA70 IRSF3031 BR305 HSK277 ZFMG07A2
Product Description
Full Text Search
 

To Download SRSHELFKBD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smartrack 1u rack-mount keyboard with kvm cable kit model number: SRSHELFKBD description the SRSHELFKBD smartrack 1u rack-mount keyboard is a full 104-key keyboard and two-button touchpad designed for mounting in an eia-standard 19-inch rack. ideal for use with kvm switches and servers that dont include a keyboard, the SRSHELFKBD comes with a usb-a cable for quick connection. use the convenient handle to slide the keyboard out of the rack for easy access and slide it back, hidden away, when not in use. protected by a heavy-duty steel housing with a black finish. compatible with both two- and four-post racks(tripp lites b019-000 bracket is required for two-post mounting). features 104-key keyboard and 2-button touchpad mounts in 1u of eia-standard 19 in. racks ideal for kvm switches and servers that dont include keyboard usb-a cable included for quick connection slides in and out of rack for easy access and storage heavy-duty steel housing with black finish compatible with 2- and 4-post racks tripp lite b019-000 bracket required for 2-post mounting specifications overview accessories type shelf physical shipping dimensions (hwd / in.) 5.91 x 20.47 x 22.83 shipping dimensions (hwd / cm) 15.01 x 51.99 x 57.99 highlights 104-key keyboard and 2-button touchpad slides in and out of rack for easy access and storage heavy-duty black steel housing compatible with 2- and 4-post rack-mounting includes usb-a cable for connecting to kvm or server package includes SRSHELFKBD smartrack 1u rack-mount keyboard kvm cable kit (usb-a) mounting brackets owners manual 1 / 2
shipping weight (lbs.) 22.2 shipping weight (kg) 10.07 unit dimensions (hwd / in.) 1.71 x 18.82 x 21.75 unit dimensions (hwd / cm) 4.34 x 47.80 x 55.25 unit weight (lbs.) 19.6 unit weight (kg) 8.89 warranty product warranty period (worldwide) 1-year limited warranty ? 2016 tripp lite. all rights reserved. all product and company names are trademarks or registered trademarks of their respective holders. use of them does not imply any affiliation with or endorsement by them. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. tripp lite uses primary and third-party agencies to test its products for compliance with standards. see a list of tripp lite's testing agencies: http://www.tripplite.com/products/product-certification-agencies 2 / 2


▲Up To Search▲   

 
Price & Availability of SRSHELFKBD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X